|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD7780 - 24bit 5ch ADC & SRC Audio DSP - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK7744VT | 24bit 3ch ADC + 24bit 4ch DAC with Audio DSP | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4115 | High Feature 192kHz 24bit Digital Audio Interface Transceiver | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS49500 | New Audio DSP Delivers High-End Performance Powerful 32-bit Dual Coyote32 Core 1440 MOPS | 1 | Cirrus Logic |
| LC750512E | CMOS IC Audistry support Audio DSP | 1 2 3 4 5 More | Sanyo Semicon Device |
| AK5380 | 96kHz 24Bit ADC with Single - ended Input | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4125_07 | 192kHz / 24Bit High Performance Asynchronous SRC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4127 | 192kHz / 24Bit High Performance Asynchronous SRC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4524_04 | 24Bit 96kHz Audio CODEC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS4525_07 | 30 W Digital Audio Amplifier with Integrated ADC | 1 2 3 4 5 More | Cirrus Logic |
| AK4528_04 | High Performance 24Bit 96kHz Audio CODEC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 |
Link URL |
|
|