|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD4387 - 106dB 192kHz 24-Bit 2ch ΔΣ DAC - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK4384_06 | 106dB 192kHz 24-Bit 2ch ÎΣ DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4385_06 | 108dB 192kHz 24-Bit 2ch ÎΣ DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4359_06 | 106dB 192kHz 24-Bit 8ch DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4340_06 | 192kHz 24-Bit Stereo ÎΣ DAC with 2Vrms Output | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4341 | 192kHz 24-Bit Stereo ÎΣ DAC with 2Vrms Output | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4383 | 192kHz 24-Bit 2ch DAC with DSD input | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| WM8759_06 | 24-bit 192kHz Stereo DAC with Headphone Buffer | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8762_06 | 24-bit 192kHz Stereo DAC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8766_05 | 24-bit 192kHz 6-Channel DAC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AK4346 | 3.3V 192kHz 24-Bit 6-Channel DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|