|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AK4126 - 6ch 192kHz / 24-Bit Asynchronous SRC - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK4125_07 | 192kHz / 24Bit High Performance Asynchronous SRC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4355 | 192kHz 24-Bit 6ch DAC for DVD-Audio | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4357 | 192kHz 24-Bit 6ch DAC with DSD Input | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| WM8766_05 | 24-bit 192kHz 6-Channel DAC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8569_06 | 24-bit 192kHz Stereo CODEC with Volume Control | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8772_05 | 24-bit 192kHz 6-Channel Codec with Volume Control | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8590_06 | 24-bit 192kHz Stereo CODEC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8776_05 | 24-bit 192kHz Stereo CODEC with 5 Channel I/P Multiplexer | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AK4122 | 24-Bit 96kHz SRC with DIR | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| WM8591_051 | 24-bit 192kHz Stereo CODEC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 |
Link URL |
|
|