![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
85CNQ015A - SCHOTTKY RECTIFIER New GenIII D-61 Package - International Rectifier |
|
Click Here View 85CNQ015A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 80CNQ35APBF | SCHOTTKY RECTIFIER New GenIII D-61 Package | International Rectifier |
| 82CNQ030APBF | SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package | International Rectifier |
| 81CNQ035A | SCHOTTKY RECTIFIER New GenIII D-61 Package | InterFET Corporation |
| MBR0520LT1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | ON Semiconductor |
| MBRS1100T3_07 | Schottky Power Rectifier Surface Mount Power Package | ON Semiconductor |
| PMEG3002TV | 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package | NXP Semiconductors |
| MBR0530T1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | ON Semiconductor |
| MBR0540T1_0511 | Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package | ON Semiconductor |
| MBRA340T3_06 | Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package | ON Semiconductor |
| MBRS3201T3_05 | 200V 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 85CNQ015A Datasheet | 85CNQ015A Cross Reference | 85CNQ015A Schematic | 85CNQ015A Distributor | 85CNQ015A Datenblatt | 85CNQ015A RoHS |
| 85CNQ015A Equivalent | 85CNQ015A Application Notes | 85CNQ015A Data Sheet | 85CNQ015A component | 85CNQ015A Fiche Technique | 85CNQ015A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |