![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : B380C7000-4000(3) |
|
Click Here View B380C7000-4000 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| B40C3700-2200_06 | Silicon-Bridge Rectifiers | Semikron International |
| B40C5000-3000_06 | Silicon-Bridge Rectifiers | Semikron International |
| B40C5000-3300_06 | Silicon-Bridge Rectifiers | Semikron International |
| X25UFG | 2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time | Voltage Multipliers Inc. |
| 1N5400 | 3.0 AMPS. SILICON RECTIFIERS | Jinan Gude Electronic Device |
| MBR835 | Axial Lead Rectifiers | ON Semiconductor |
| MCR100_07 | Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors | ON Semiconductor |
| MUR180E_06 | SWITCHMODE Power Rectifiers | ON Semiconductor |
| 1N4933GP_01 | Fast Rectifiers Glass Passivated | Fairchild Semiconductor |
| ES2A_01 | Fast Rectifiers | Fairchild Semiconductor |
| Related keyword |
| B380C7000-4000 Datasheet | B380C7000-4000 Cross Reference | B380C7000-4000 Schematic | B380C7000-4000 Distributor | B380C7000-4000 Datenblatt | B380C7000-4000 RoHS |
| B380C7000-4000 Equivalent | B380C7000-4000 Application Notes | B380C7000-4000 Data Sheet | B380C7000-4000 component | B380C7000-4000 Fiche Technique | B380C7000-4000 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |