|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT9480 - 8-Bit Numerical Pager Controller MCU - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AT89C51CC03_06 | Enhanced 8-bit MCU with CAN Controller and Flash Memory | 1 2 3 4 5 More | ATMEL Corporation |
| ST72334J_03 | 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES | 1 2 3 4 5 More | STMicroelectronics |
| HT46R51A | A/D Type 8-Bit OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT46RU66 | A/D Type 8-Bit MCU with LCD | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT49RA0 | Remote Type 8-Bit MCU with LCD | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82M9BEE | USB Mouse Encoder 8-Bit MCU with EEPROM | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT1622_07 | RAM Mapping 32x8 LCD Controller for I/O MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT46R53A | A/D Type 8-Bit OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT47C20L_05 | R-F Type Low Voltage 8-Bit Mask MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 |
Link URL |
|
|