|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT672A - 13.56MHz RFID Transponder - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RF-HDT-KMAB | 13.56 MHz Vicinity Key Fob Transponder | 1 | Texas Instruments |
| RI-I16-114A-S1 | Tag-it⢠HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR | 1 2 3 4 | Texas Instruments |
| HCS410_01 | KEELOQ® Code Hopping Encoder and Transponder | 1 2 3 4 5 More | Microchip Technology |
| H4006 | 13.56MHz 64 Data bit Read Only Contactless Identification Device | 1 2 3 4 5 More | EM Microelectronic - MARIN SA |
| RI-I01-112A | Tag-it HF-I Transponder Inlay - Square - | 1 2 | Texas Instruments |
| RI-I17-112A-03 | Tag-it⢠HF-I PLUS TRANSPONDER INLAYS CD | 1 2 3 4 | Texas Instruments |
| RI-I03-112A-03 | Tag-it⢠HF-I PLUS TRANSPONDER INLAYS MINIATURE RECTANGLE | 1 2 3 4 | Texas Instruments |
| RI-I02-110A | Tag-it⢠HF Transponder Inlay Rectangle - Large | 1 | Texas Instruments |
| RI-I17-114A-01 | Tag-it⢠HF-I STANDARD TRANSPONDER INLAYS CD | 1 2 3 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|