|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT82V842A - 10-Bit 20MSPS CCD Analog Signal Processor - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD9991 | 10-Bit CCD Signal Processor with Precision Timing ⢠Generator | 1 2 3 4 5 More | Analog Devices |
| AD9948 | 10-Bit CCD Signal Processor with Precision Timing⢠Core | 1 2 3 4 5 More | Analog Devices |
| AD9937 | CCD Signal Processor with Precision Timing⢠Generator | 1 2 3 4 5 More | Analog Devices |
| AD9945 | Complete 12-Bit 40 MHz CCD Signal Processor | 1 2 3 4 5 More | Analog Devices |
| AD9995 | 12-Bit CCD Signal Processor with Precision Timing ⢠Generator | 1 2 3 4 5 More | Analog Devices |
| HT82V24 | 16-Bit 15MSPS 3-Channel CCD/CIS Analog Signal Processor | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82V26A | 16-Bit CCD/CIS Analog Signal Processor | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| AD9974 | Dual-Channel 14-Bit CCD Signal Processor with Precision Timing⢠Core | 1 2 | Analog Devices |
| AD9992 | 12-Bit CCD Signal Processor with Precision Timing Generator | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|