|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS10CP154 - 1.5 Gbps 4x4 LVDS Crosspoint Switch - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SY89540U | Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination | 1 2 3 4 5 More | Micrel Semiconductor |
| SN65LVCP404 | Gigabit 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| AD8156 | 6.25 Gbps 4Ã4 Digital Crosspoint Switch with EQ | 1 2 3 4 5 More | Analog Devices |
| SN65LVDS122_07 | 1.5-Gbps 2 ´ 2 LVDS CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| SN65LVCP22 | 2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| MAX3640 | 3.3V 622Mbps LVDS Dual 4:2 Crosspoint Switch | 1 2 3 4 5 More | Maxim Integrated Products |
| NB4N855S_06 | 3.3 V 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator | 1 2 3 4 5 More | ON Semiconductor |
| NB6L72M_07 | 2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs | 1 2 3 4 5 More | ON Semiconductor |
| HA456_06 | 120MHz Low Power 8x8 Video Crosspoint Switch | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|