|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SK1030D1 - Surface Mount Schottky Rectifiers - Single Diode - Diotec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SK1020D2 | Surface Mount Schottky Rectifiers - Single Diode | 1 2 | Diotec Semiconductor |
| RB521S30 | SURFACE MOUNT SCHOTTKY DIODE | 1 2 3 | Pan Jit International Inc. |
| BAT54_ | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 | Diodes Incorporated |
| BAT54_06 | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 4 | Won-Top Electronics |
| SS1020FL | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 4 | Won-Top Electronics |
| G425SD | SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V CURRENT 0.1A | 1 2 | GTM CORPORATION |
| GDBAS40 | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 | GTM CORPORATION |
| 1N6263W | Surface Mount Schottky Barrier Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| SK82C_1 | 8.0 AMPS. Surface Mount Schottky Barrier Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| SS22L_1 | 2.0 AMPS. Surface Mount Schottky Barrier Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|