|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT12E - 212 Series of Encoders - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HT12D_02 | 212 Series of Decoders | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| AQV212S | GU General Use Type SOP Series [1-Channel Form A Type] | 1 2 3 | Nais(Matsushita Electric Works) |
| MJH16018 | NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES | 1 2 3 4 5 More | Motorola, Inc |
| VPS24-7300 | POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES | 1 | TRIAD MAGNETICS |
| 16YQ100C | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES | 1 2 3 4 | International Rectifier |
| UG01 | 0.6um ULC Series | 1 2 3 4 5 More | ATMEL Corporation |
| PS2532-1_03 | HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES | 1 2 3 4 5 More | California Eastern Labs |
| MC14001B_06 | B−Suffix Series CMOS Gates | 1 2 3 4 5 More | ON Semiconductor |
| E48SH1R250 | Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out | 1 2 3 4 5 More | Delta Electronics, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|