Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        2SA-10(1)

Datasheet

    2SA-10 - Integrated 2-Axis Hall Sensor - ETC

Click Here View 2SA-10 Datasheet

Part No.2SA-10
Description Integrated 2-Axis Hall Sensor
Download 2SA-10 Click here to View
File Size 436.95 Kbytes / 8 Pages
Maker ETC [ETC]
Homepage

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
ACS704ELC-005_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor Allegro MicroSystems
ACS704ELC-015_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor Allegro MicroSystems
ACS712_06Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor Allegro MicroSystems
ACS712Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor Allegro MicroSystems
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor Allegro MicroSystems
A1421_05High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor Allegro MicroSystems
MPX4250AINTEGRATED PRESSURE SENSOR 20 TO 250 kPA 2.9 TO 36.3 psi 0.2 TO 4.9 V OUTPUT Freescale Semiconductor, Inc
MPX4200AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned Temperature Freescale Semiconductor, Inc
MPXY8020ATire Pressure Monitoring Sensor Temperature Compensated and Calibrated Fully Integrated Digital Output Freescale Semiconductor, Inc

Link URL

Related keyword

  2SA-10 Datasheet   2SA-10 Cross Reference   2SA-10 Schematic   2SA-10 Distributor   2SA-10 Datenblatt   2SA-10 RoHS
  2SA-10 Equivalent   2SA-10 Application Notes   2SA-10 Data Sheet   2SA-10 component   2SA-10 Fiche Technique   2SA-10 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer