Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY1800 Datasheet (PDF) - Diotec Semiconductor

BY1800 Datasheet PDF - Diotec Semiconductor
Part # BY1800
Download  BY1800 Download

File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

BY1800 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY1800 Datasheet PDF - Diotec Semiconductor

Part # BY1800
Download  BY1800 Click to download

File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

BY1800 Datasheet (HTML) - Diotec Semiconductor

BY1800 Datasheet HTML 1Page - Diotec Semiconductor BY1800 Datasheet HTML 2Page - Diotec Semiconductor

BY1800 Product details

Si-Rectifiers

• Nominal Current                                        3 A
• Repetitive peak reverse voltage 200...2000 V
• Plastic case                                     ~ DO-201
• Weight approx.                                       0.8 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - BY1800

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY1800 DIOTEC-BY1800 Datasheet
188Kb / 2P
   Silicon Rectifiers
logo
Semikron International
BY1800 SEMIKRON-BY1800 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY1800 DIOTEC-BY1800 Datasheet
99Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
BY1800 DIOTEC-BY1800 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY1800 SUNMATE-BY1800 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
More results


Similar Description - BY1800

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
   Si-Rectifiers -Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY296 DIOTEC-BY296_07 Datasheet
57Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY500-50 DIOTEC-BY500-50_07 Datasheet
58Kb / 2P
   Fast Si-Rectifiers -Schnelle Si-Gleichrichter
BY396 DIOTEC-BY396_07 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
UF600A DIOTEC-UF600A_07 Datasheet
62Kb / 2P
   Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com