|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FM21L16 - 2Mbit FRAM Memory - Ramtron International Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A25L20P | 2Mbit / 1Mbit / 512Kbit Low Voltage Serial Flash Memory With 85MHz SPI Bus Interface | 1 2 3 4 5 More | AMIC Technology |
| FM20L08 | 1Mbit Bytewide FRAM Memory - Extended Temp | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| FM24CL64 | 64Kb 2.7V-3.6V FRAM Serial Memory | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| FM22L16 | 4Mbit FRAM Memory | 1 2 3 4 5 More | Ramtron International Corporation |
| MB85R256H | Memory FRAM CMOS 256 K 32 K Ã 8 Bit | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB85R2001 | Memory FRAM CMOS 2 M Bit 256 K Ã 8 | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB85R1002 | Memory FRAM | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB85R1002_07 | Memory FRAM CMOS 1 M Bit 64 K Ã 16 | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB85RS256 | Memory FRAM CMOS 256 K 32 K Ã 8 Bit SPI | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB85R2002 | Memory FRAM CMOS 2 M Bit 128 K Ã 16 | 1 2 3 4 5 More | Fujitsu Component Limited. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|