|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF1405ZLPBF - AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9mΩ , ID = 75A ) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRLZ44ZPBF | AUTOMOTIVE MOSFET VDSS = 55V RDS on =13.5mΩ ID = 51A | 1 2 3 4 5 More | International Rectifier |
| IRLZ34NSPBF | HEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A | 1 2 3 4 5 More | International Rectifier |
| IRFP2907PBF | AUTOMOTIVE MOSFET VDSS = 75V RDS on = 4.5mΩ ID = 209A | 1 2 3 4 5 More | International Rectifier |
| IRF7342PBF | HEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω | 1 2 3 4 5 More | International Rectifier |
| IRF7353D2PBF | MOSFET / Schottky Diode VDSS = 30V RDS on = 0.029Ω Schottky VF = 0.52V | 1 2 3 4 5 More | International Rectifier |
| IRFD224PBF | HEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A | 1 2 3 4 5 More | International Rectifier |
| IRL640PBF | HEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A | 1 2 3 4 5 More | International Rectifier |
| IRFP2907Z | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF540ZPBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|