|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KK3480 - 100mA, Quasi Low-Dropout Voltage Regulator - KODENSHI KOREA CORP. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP78LXX | 100mA 3-Terminal Positive Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
| LM79LXX | 100mA Negative Voltage Regulator | 1 2 3 4 | List of Unclassifed Manufacturers |
| TL5209 | 500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN | 1 2 3 4 5 More | Texas Instruments |
| LT3020 | 100mA Low Voltage Very Low Dropout Linear Regulator | 1 2 3 4 5 More | Linear Technology |
| NCP400 | 150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output | 1 2 3 4 5 More | ON Semiconductor |
| REG101_05 | DMOS 100mA Low-Dropout Regulator | 1 2 3 4 5 More | Texas Instruments |
| NCP662 | 100 mA CMOS Low Iq Low-Dropout Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| SP6265 | Dual Low-Dropout CMOS Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
| G5JLM2931 | 100mA Low Dropout Adjustable Voltage Regulator | 1 2 3 4 | GTM CORPORATION |
| MCP1701A | 2μA Low-Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Microchip Technology |
Datasheet Page |
1 2 3 |
Link URL |
|
|