|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
59C11 - 1K 5.0V Microwire Serial EEPROM - Microchip Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 93C76_04 | 8K/16K 5.0V Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 24FC32_04 | 32K 5.0V 1 MHz I 2 C Smart Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| M93C86_05 | 16Kbit 8Kbit 4Kbit 2Kbit and 1Kbit 8-bit or 16-bit wide MICROWIRE Serial Access EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| 93AA76_04 | 8K/16K 1.8V Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| CAT93C46R | 1-Kb Microwire Serial EEPROM | 1 2 3 4 5 More | Catalyst Semiconductor |
| CAT93C46_07 | 1-Kb Microwire Serial EEPROM | 1 2 3 4 5 More | Catalyst Semiconductor |
| 93LC76_04 | 8K/16K 2.5V Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| CAT93C66_07 | 4-Kb Microwire Serial CMOS EEPROM | 1 2 3 4 5 More | Catalyst Semiconductor |
| 93AA76A | 8K Microwire Compatible Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 24C01C_07 | 1K 5.0V I2C ⢠Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|