![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AD7949 - 16-Bit, 8-Channel, 250 kSPS PulSAR¢ç ADC. - Analog Devices |
|
Click Here View AD7949 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CS5101A_06 | 16-bit 100 kSps / 20 kSps A/D Converters | Cirrus Logic |
| AD7327 | 500 kSPS 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | Analog Devices |
| HI7188_00 | 8-Channel 16-Bit High Precision Sigma- Delta A/D Sub-System | Intersil Corporation |
| AD5663 | 2.7 V to 5.5 V 250 uA Rail-to-Rail Output Dual 16-Bit nanoDAC | Analog Devices |
| AD7938-6 | 8-Channel 625 kSPS 12-Bit Parallel ADCs with a Sequencer | Analog Devices |
| AD776 | 16-Bit 100 kSPS Oversampling ADC | Analog Devices |
| CS5581 | ¡¾2.5 V / 5 V 200 kSps 16-bit High-throughput ¥Ä¥Ò ADC | Cirrus Logic |
| CS5571 | ¡¾2.5 V / 5 V 100 kSps 16-bit High-throughput ¥Ä¥Ò ADC | Cirrus Logic |
| AD5934 | 250 kSPS 12-Bit Impedance Converter Network Analyzer | Analog Devices |
Link URL |
|
|
Related keyword |
| AD7949 Datasheet | AD7949 Cross Reference | AD7949 Schematic | AD7949 Distributor | AD7949 Datenblatt | AD7949 RoHS |
| AD7949 Equivalent | AD7949 Application Notes | AD7949 Data Sheet | AD7949 component | AD7949 Fiche Technique | AD7949 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |