Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADJD-S313-QR999 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ADJD-S313-QR999 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ADJD-S313-QR999
Download  ADJD-S313-QR999 Download

File Size   195.67 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Surface-Mount RGB Digital Color Sensor

ADJD-S313-QR999 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADJD-S313-QR999 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ADJD-S313-QR999
Download  ADJD-S313-QR999 Click to download

File Size   195.67 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Surface-Mount RGB Digital Color Sensor

ADJD-S313-QR999 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ADJD-S313-QR999 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADJD-S313-QR999 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ADJD-S313-QR999 Product details

Description
The ADJD-S313-QR999 is a cost effective, CMOS digital output RGB color sensor in miniature surface-mount package with a mere size of 5x5x0.75mm. The IC comes with integrated RGB filters, an analog-to-digital converter and a digital core for communication and sensitivity control. The output allows direct interface to micro-controller or other logic control for further signal processing without the need of any additional components.

Features
• Fully integrated RGB digital color sensor
• Digital I/O via 2-wire serial interface
• Industry’s smallest form factor – QFN 5x5x0.75mm
• Adjustable sensitivity for different levels of illumination
• Uniformly distributed RGB photodiode array
• 7 bit resolution per channel output
• Built in internal oscillator
• Sleep function when not in use
• No external components
• Low supply voltage (VDD) 2.6V
• 0°C to 70°C operating temperature
• Lead free package

Applications
• General color detection and measurement
• Mobile appliances such as mobile phones, PDAs, MP3 players,etc.
• Consumer appliances
• Portable medical equipments
• Portable color detector/reader




Similar Part No. - ADJD-S313-QR999

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
More results


Similar Description - ADJD-S313-QR999

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S371-QR999 AVAGO-ADJD-S371-QR999 Datasheet
352Kb / 23P
   Miniature Surface-Mount RGB Digital Color Sensor Module
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8 Datasheet
620Kb / 11P
   Surface - Mount RGB Color Sensor
EACLSST3227A0 EVERLIGHT-EACLSST3227A0 Datasheet
599Kb / 11P
   RGB Color Light Sensor Surface - Mount
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Broadcom Corporation.
APDS-9306-065 BOARDCOM-APDS-9306-065 Datasheet
153Kb / 21P
   Miniature Surface-Mount Digital Ambient Light Sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com