|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ASMT-RR45 - 0.45mm Leadframe-Based Surface Mount ChipLED - AVAGO TECHNOLOGIES LIMITED |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ASMT-CA00 | AlInGaP Amber 0.4mm Low Profile Right Angle Surface Mount ChipLED | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| ASMT-CB00 | InGaN Blue 0.4mm Low Profile Right Angle Surface Mount ChipLED | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| ASMT-CW00 | InGaN White 0.4mm Low Profile Right Angle Surface Mount ChipLED | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| MXB-0502-3H | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MXB-1002-17H | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MXB-1502-10 | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MXJ-2201-13 | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| QTLP650C-2 | SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 | 1 2 3 4 5 More | Fairchild Semiconductor |
| HM67 | Surface Mount Common Mode Chokes | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| NX8045GB | SURFACE MOUNT TYPE CRYSTAL UNITS | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|