|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PTS645TK43 - 6 mm Tact Switches - ITT Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TL59 | TACT SWITCHES RADIAL LEAD | 1 2 | E-SWITCH |
| TL3320E | TACT SWITCHES SMT - RIGHT ANGLE | 1 | E-SWITCH |
| PTS635 | 3 5 mm Tact Switches | 1 2 | ITT Industries |
| DRS3010 | Subminiature Code Switches | 1 | List of Unclassifed Manufacturers |
| SN54CBT3383_06 | 10-BIT FET BUS-EXCHANGE SWITCHES | 1 2 3 4 5 More | Texas Instruments |
| SRE-1211ST | Rotary Encoder Switches | 1 2 | Mitsumi Electronics, Corp. |
| HC5503PRC_04 | Low Cost SLIC For Large Telecom Switches | 1 2 3 4 5 More | Intersil Corporation |
| ISL54208 | Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability | 1 2 3 4 5 More | Intersil Corporation |
| MA4SW101 | Surface Mount Monolithic PIN Diode Switches | 1 2 3 4 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|