![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
HIR19-21C - Technical Data Sheet 0.8mm Height Flat Top Infrared LED - Everlight Electronics Co., Ltd |
|
Click Here View HIR19-21C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3294-15SURC | Technical Data Sheet 3.0mm Round Type LED Lamps | Everlight Electronics Co., Ltd |
| WP1034YDT | 2mm FLAT TOP LED LAMP | Kingbright Corporation |
| 19-21BHC | 0603 Package Chip LED 0.8mm Height | Everlight Electronics Co., Ltd |
| CLE436W | High Power Red LED - Minimal Infrared Content Flat Window Can Hermetically Sealed | ETC |
| ELS-432GWA | Technical Data Sheet 0.39 Single Digit Displays | Everlight Electronics Co., Ltd |
| EL817L | Technical Data Sheet Photocoupler | Everlight Electronics Co., Ltd |
| WP13GD | 2mm FLAT TOP LED LAMP | Kingbright Corporation |
| WP13HD | 2mm FLAT TOP LED LAMP | Kingbright Corporation |
| WP13ID | 2mm FLAT TOP LED LAMP | Kingbright Corporation |
| WP13YD | 2mm FLAT TOP LED LAMP | Kingbright Corporation |
Link URL |
|
|
Related keyword |
| HIR19-21C Datasheet | HIR19-21C Cross Reference | HIR19-21C Schematic | HIR19-21C Distributor | HIR19-21C Datenblatt | HIR19-21C RoHS |
| HIR19-21C Equivalent | HIR19-21C Application Notes | HIR19-21C Data Sheet | HIR19-21C component | HIR19-21C Fiche Technique | HIR19-21C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |