|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HDSP-516X - 10 mm and 13 mm Slim Font Seven Segment Displays - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HDSP-B0XE | 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| HDSP-740X | 7.6 mm 0.3 inch Micro Bright Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| 5082-7610 | 7.6 mm 0.3 inch /10.9 mm 0.43 inch Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| 5082-761X | 7.6 mm 0.3 inch /10.9 mm 0.43 inch Seven Segment Displays | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| NTE3076 | 0.560 Inch Seven Segment 1 Digit w/Overflow and Common Anode RHDP | 1 2 3 | NTE Electronics |
| HDSP-740X | 7.6 mm 0.3 inch Micro Bright Seven Segment Displays | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| HDSP-AX11 | Black Surface Seven Segment Displays | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| HDSP-U1XX | 8 mm 0.31 inch Ultra Mini Seven Segment Displays | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| HDSP-076X | Hexadecimal and Numeric Displays for Industrial Applications | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|