|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TIPL762 - NPN SILICON POWER TRANSISTORS - Power Innovations Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BU522B | 7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS | 1 2 3 4 | Motorola, Inc |
| CJD3439 | NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS | 1 2 3 4 | Continental Device India Limited |
| MJ13333 | 20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF421 | RF POWER TRANSISTORS NPN SILICON | 1 2 3 4 | Motorola, Inc |
| BD245 | NPN SILICON POWER TRANSISTORS | 1 2 3 4 5 | Bourns Electronic Solutions |
| 2N6274 | POWER TRANSISTORS NPN SILICON | 1 2 3 4 5 More | ON Semiconductor |
| MJ16018 | NPN Silicon Power Transistors | 1 2 3 4 5 More | ON Semiconductor |
| MJ413 | 10 Amp NPN Silicon Power Transistors 125W | 1 2 | Micro Commercial Components |
| 2N4240 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| BSS66 | SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|