|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1SMA6V8 - Surface Mount Glass Passivated Zener Diode - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S2AA | 2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| S3A_06 | 3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| S3AB | 3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| S5A | 5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| GS1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| EFS1J | 1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | 1 2 3 4 | Won-Top Electronics |
| UF1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE | 1 2 3 4 | Won-Top Electronics |
| ER1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | 1 2 3 4 | Won-Top Electronics |
| UF2A_06 | 2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE | 1 2 3 4 | Won-Top Electronics |
| ER2A_06 | 2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|