Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10150F Datasheet (PDF) - Won-Top Electronics

SB10150F Datasheet PDF - Won-Top Electronics
Part # SB10150F
Download  SB10150F Download

File Size   49.16 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

SB10150F Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10150F Datasheet PDF - Won-Top Electronics

Part # SB10150F
Download  SB10150F Click to download

File Size   49.16 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

SB10150F Datasheet (HTML) - Won-Top Electronics

SB10150F Datasheet HTML 1Page - Won-Top Electronics SB10150F Datasheet HTML 2Page - Won-Top Electronics SB10150F Datasheet HTML 3Page - Won-Top Electronics SB10150F Datasheet HTML 4Page - Won-Top Electronics

SB10150F Product details

Features

Schottky Barrier Chip

Guard Ring for Transient Protection

Low Forward Voltage Drop

Low Reverse Leakage Current

High Surge Current Capability

Plastic Material has UL Flammability Classification 94V-O



Mechanical Data

Case: ITO-220A, Full Molded Plastic

Terminals: Plated Leads Solderable per MIL-STD-202, Method 208

Polarity: See Diagram

Weight: 2.24 grams (approx.)

Mounting Position: Any

Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.

Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 4




Similar Part No. - SB10150F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SB10150F PACELEADER-SB10150F Datasheet
297Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB10150F WTE-SB10150F Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Global Corp...
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150FCT PANJIT-SB10150FCT Datasheet
431Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB10150F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com