|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LL4148 - 0.2 AMPS. High Speed Switching Rectifiers - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| 2SC5865 | Transistors High voltage discharge High speed switching Low Noise 60V 1A | 1 2 3 4 5 | Rohm |
| 2SC5856 | HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY COLOR TV DIGITAL TV HIGH SPEED SWITCHING APPLICATIONS | 1 2 3 4 5 More | Toshiba Semiconductor |
| 1N4448WX | High Speed Switching Diode 200mW | 1 2 | Micro Commercial Components |
| RJK4518DPK | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| H5N2522FN | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| TS4148 | 0.3 AMPS High Speed Switching Diode | 1 2 3 | List of Unclassifed Manufacturers |
| 2SC3551 | TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING | 1 2 | Fuji Electric |
| UN1066 | HIGH SPEED SWITCHING TRANSISTOR | 1 2 3 4 5 | Unisonic Technologies |
| 1SS136 | High Speed Switching Diode | 1 2 | Micro Commercial Components |
Datasheet Page |
1 2 |
Link URL |
|
|