![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AS338-12 - GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz - Skyworks Solutions Inc. |
|
Click Here View AS338-12 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| AS179-000 | GaAs SPDT Switch 300 kHz-3 GHz Medium Power | Skyworks Solutions Inc. |
| AW002R2-12_06 | GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz | Skyworks Solutions Inc. |
| MASW-007221 | GaAs SPDT Switch DC - 3.0 GHz | Tyco Electronics |
| SW-313-PIN | Matched GaAs SPDT Switch DC-3.0 GHz with TTL/CMOS Control Input | Tyco Electronics |
| MASWSS0093 | GaAs Broadband SPDT Switch DC - 6.0 GHz | Tyco Electronics |
| MASWSS0176 | GaAs SPDT Switch 0.05 - 3 GHz | Tyco Electronics |
| MASW-007935 | GaAs SPDT Terminated Switch DC - 3.0 GHz | Tyco Electronics |
| MASWSS0179 | 3 V GaAs SPDT Switch DC - 2.0 GHz | Tyco Electronics |
| SW-224-PIN | GaAs SPDT Switch DC - 2 GHz | Tyco Electronics |
| SW-338 | GaAs SPDT Terminated Switch DC - 2.5 GHz | Tyco Electronics |
Link URL |
|
|
Related keyword |
| AS338-12 Datasheet | AS338-12 Cross Reference | AS338-12 Schematic | AS338-12 Distributor | AS338-12 Datenblatt | AS338-12 RoHS |
| AS338-12 Equivalent | AS338-12 Application Notes | AS338-12 Data Sheet | AS338-12 component | AS338-12 Fiche Technique | AS338-12 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |