Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051T603 Datasheet (PDF) - Silicon Laboratories

C8051T603 Datasheet PDF - Silicon Laboratories
Part # C8051T603
Download  C8051T603 Download

File Size   1551.39 Kbytes
Page   168 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Mixed Signal OTP EPROM MCU Family

C8051T603 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051T603 Datasheet PDF - Silicon Laboratories

Part # C8051T603
Download  C8051T603 Click to download

File Size   1551.39 Kbytes
Page   168 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Mixed Signal OTP EPROM MCU Family

C8051T603 Datasheet (HTML) - Silicon Laboratories

Back Button C8051T603 Datasheet HTML 1Page - Silicon Laboratories C8051T603 Datasheet HTML 2Page - Silicon Laboratories C8051T603 Datasheet HTML 3Page - Silicon Laboratories C8051T603 Datasheet HTML 4Page - Silicon Laboratories C8051T603 Datasheet HTML 5Page - Silicon Laboratories C8051T603 Datasheet HTML 6Page - Silicon Laboratories C8051T603 Datasheet HTML 7Page - Silicon Laboratories C8051T603 Datasheet HTML 8Page - Silicon Laboratories C8051T603 Datasheet HTML 9Page - Silicon Laboratories C8051T603 Datasheet HTML 10Page - Silicon Laboratories Next Button 

C8051T603 Product details

System Overview
C8051T600/1/2/3/4/5/6 devices are fully integrated, mixed-signal, system-on-a-chip MCUs. Highlighted features are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.
With on-chip power-on reset, VDD monitor, watchdog timer, and clock oscillator, the C8051T600/1/2/3/4/5/6 devices are truly stand-alone, system-on-a-chip solutions. User software has complete control of all peripherals and may individually shut down any or all peripherals for power savings.

Analog Peripherals
- 10-Bit ADC (‘T600/602/604 only)
    • Up to 500 ksps
    • Up to 8 external inputs
    • VREF external pin, Internal Regulator or VDD
    • Internal or external start of conversion source
    • Built-in temperature sensor
- Comparator
    • Programmable hysteresis and response time
    • Configurable as interrupt or reset source
    • Low current
On-Chip Debug
- C8051F300 can be used as code development platform; complete development kit available
- On-chip debug circuitry facilitates full speed, non-intrusive in-system debug
- Provides breakpoints, single stepping, inspect/modify memory and registers Supply Voltage 1.8 to 3.6 V
- On-chip LDO for internal core supply
- Built-in voltage supply monitor

Temperature Range: –40 to +85 °C
Package Options:
    - 3 x 3 mm QFN11
    - 2 x 2 mm QFN10 (C8051T606 Only)
    - MSOP10 (C8051T606 Only)
    - SOIC14 (C8051T600/1/2/3/4/5 Only)

High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
- Up to 25 MIPS throughput with 25 MHz clock
- Expanded interrupt handler

Memory
- 256 or 128 Bytes internal data RAM
- 8, 4, 2, or 1.5 kB byte-programmable EPROM code memory

Digital Peripherals
- Up to 8 Port I/O with high sink current capability
- Hardware enhanced UART and SMBus™ serial ports
- Three general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with three capture/compare modules
    • 8 or 16-bit PWM
    • Rising / falling edge capture
    • Frequency output
    • Software timer

Clock Sources
- Internal oscillator: 24.5 MHz with ±2% accuracy supports crystal-less UART operation
- External oscillator: RC, C, or CMOS Clock
- Can switch between clock sources on-the-fly; useful in power saving modes




Similar Part No. - C8051T603

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T603 SILABS-C8051T603 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T603-GM SILABS-C8051T603-GM Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T603-GS SILABS-C8051T603-GS Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
More results


Similar Description - C8051T603

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T630 SILABS-C8051T630 Datasheet
1Mb / 221P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_11 Datasheet
1Mb / 219P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T600 SILABS-C8051T600_09 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051F336 SILABS-C8051F336_08 Datasheet
1Mb / 227P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_V01 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
C8051F120-GQR SILABS-C8051F120-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com