![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AS201-306 - PHEMT GaAs IC High Linearity and Isolation SPDT Switch DC-3 GHz - Skyworks Solutions Inc. |
|
Click Here View AS201-306 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| AS219-000 | PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz | Skyworks Solutions Inc. |
| SKY13286-359LF | GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz | Skyworks Solutions Inc. |
| HMC607 | GaAs MMIC HIGH ISOLATION SPDT SWITCH DC - 15 GHz | Hittite Microwave Corporation |
| UPG2022T5G | 4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH | California Eastern Labs |
| UPG2022TB | 4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH | California Eastern Labs |
| MASWSS0121 | SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz | Tyco Electronics |
| MASWSS0204 | GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz | Tyco Electronics |
| SW-276 | High Power GaAs SPDT Switch DC - 3.0 GHz | Tyco Electronics |
| MASWSS0148 | GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz | Tyco Electronics |
| SPF-2000 | Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation | SIRENZA MICRODEVICES |
Link URL |
|
|
Related keyword |
| AS201-306 Datasheet | AS201-306 Cross Reference | AS201-306 Schematic | AS201-306 Distributor | AS201-306 Datenblatt | AS201-306 RoHS |
| AS201-306 Equivalent | AS201-306 Application Notes | AS201-306 Data Sheet | AS201-306 component | AS201-306 Fiche Technique | AS201-306 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |