|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP132-317 - 3 V InGaP DCS Power Amplifier - Skyworks Solutions Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP119-89 | GaAs IC DCS 1800/1900 Power Amplifier | 1 2 3 4 | Skyworks Solutions Inc. |
| CHV2711-QJ | 3.5 GHz InGaP HBT 5W Linear Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| RF2174_06 | 3V DCS POWER AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| LX5514 | InGaP HBT 2.3 - 2.5 GHz Power Amplifier | 1 2 | Microsemi Corporation |
| RF5111 | 3V DCS POWER AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| AP147-320 | ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| LX5530 | InGaP HBT 4.5 - 6.0GHz Power Amplifier | 1 2 | Microsemi Corporation |
| RMPA2458_059 | 2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| AP131-317 | 3 V InGaP HBT Power Amplifier | 1 2 3 | Skyworks Solutions Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
Datasheet Page |
1 2 3 |
Link URL |
|
|