![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AFM06P2-212 - Ka Band Power GaAs MESFET - Skyworks Solutions Inc. |
|
Click Here View AFM06P2-212 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NE6501077_00 | L/S BAND MEDIUM POWER GaAs MESFET | California Eastern Labs |
| NE6500496_00 | L&S BAND MEDIUM POWER GaAs MESFET | NEC |
| NE72118 | C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET | NEC |
| MGF0911A_1 | L S BAND POWER GaAs FET | Mitsubishi Electric Semiconductor |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | Renesas Technology Corp |
| NE6500379A | 3W L/S-BAND MEDIUM POWER GaAs MESFET | California Eastern Labs |
| NE85002_02 | 2 WATT C-BAND POWER GaAs MESFET | NEC |
| NE650103M | 10 W L & S-BAND POWER GaAs MESFET | California Eastern Labs |
| NE76118_00 | GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER | NEC |
| NE8500100_00 | C-BAND MEDIUM POWER GaAs MESFET | NEC |
Link URL |
|
|
Related keyword |
| AFM06P2-212 Datasheet | AFM06P2-212 Cross Reference | AFM06P2-212 Schematic | AFM06P2-212 Distributor | AFM06P2-212 Datenblatt | AFM06P2-212 RoHS |
| AFM06P2-212 Equivalent | AFM06P2-212 Application Notes | AFM06P2-212 Data Sheet | AFM06P2-212 component | AFM06P2-212 Fiche Technique | AFM06P2-212 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |