|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OPA2130UA - Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPA234 | Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Burr-Brown Corporation |
| AD8663 | 16V 180μA Low Power Low Noise Single Precision CMOS Rail-to-Rail Output Operational Amplifiers | 1 2 3 4 5 | Analog Devices |
| AP358 | LOW POWER DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Diodes Incorporated |
| ICL7621_01 | Dual Low Power CMOS Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| TL062_07 | LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| AS324_06 | LOW POWER QUAD OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| AZ324_06 | LOW POWER QUAD OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM124_05 | Low Power Quad Operational Amplifiers | 1 2 3 4 5 More | STMicroelectronics |
| OPA227 | High Precision Low Noise OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Burr-Brown Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|