![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BS60D4A - 4A to 600 Vac SIP Package DC Control - Teledyne Technologies Incorporated |
|
Click Here View BS60D4A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LS24D16C | 30A to 600 Vac SIP Package DC control | Teledyne Technologies Incorporated |
| SD24R50-06 | Dual Output to 50A 600 Vac DC Control | Teledyne Technologies Incorporated |
| E3P48R50-16 | Three-Phase Output to 75A 600 Vac DC Control | Teledyne Technologies Incorporated |
| DS6R3E | 3A to 220 Vdc SIP Package DC Control | Teledyne Technologies Incorporated |
| TPS62260 | 2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package | Texas Instruments |
| C3P24D25 | Three-Phase Output 25A 280 Vac DC control | Teledyne Technologies Incorporated |
| SFT2907A2 | Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor | Solid States Devices, Inc |
| X24D12 | Output to 16A 280 Vac DC Control | Teledyne Technologies Incorporated |
| SFT22907GW | Dual Microminiature Package 600 mA 60 Volts Complimentary NPN & PNP Transistor | Solid States Devices, Inc |
| TS24D2G | Output to 2.5A 275 Vac AC/DC Control | Teledyne Technologies Incorporated |
Link URL |
|
|
Related keyword |
| BS60D4A Datasheet | BS60D4A Cross Reference | BS60D4A Schematic | BS60D4A Distributor | BS60D4A Datenblatt | BS60D4A RoHS |
| BS60D4A Equivalent | BS60D4A Application Notes | BS60D4A Data Sheet | BS60D4A component | BS60D4A Fiche Technique | BS60D4A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |