|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OPA742 - 1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPA741 | 12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens | 1 | OPTEK Technologies |
| OPA733 | 1 Watt Light Spot on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA729 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA730 | 12 Watt Light Ring on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA731 | 20 Watt Light Flood on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA740 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA739 | 3 Watt Light Bar on Anotherm Heat Spreader | 1 | OPTEK Technologies |
| OVSAABLCR8 | Amber PLCC4 Surface Mount LED with Domed Lens | 1 2 3 4 | OPTEK Technologies |
| LS7534_03 | DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS | 1 2 3 4 5 More | LSI Computer Systems |
| CS8122 | 2.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|