|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OPA733 - 1 Watt Light Spot on Anotherm Linear Heat Spreader - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPA729 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA730 | 12 Watt Light Ring on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA731 | 20 Watt Light Flood on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| MAAP-008171 | High Power PHEMT 600 - 4000 MHz 30 dBm Linear Pout 10 watt P1dB | 1 2 3 4 | Tyco Electronics |
| DY05F | 12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING | 1 2 | Electronic devices inc. |
| LHS-AL25 | Lens System Standard Optics for ACULEDTM RGB Light Source | 1 2 3 4 | PerkinElmer Optoelectronics |
| NTE3144 | Light Emitting Diode − 5mm | 1 2 | NTE Electronics |
| 515-1001 | 3 x 5.5mm Rectangular Optical Light Pipe | 1 | Dialight Corporation |
| WP1043GD | 3.65x6.15mm SINGLE CHIP LED LIGHT BAR | 1 2 3 4 5 More | Kingbright Corporation |
| LX1972A | Ambient Light Detector | 1 2 3 4 5 More | Microsemi Corporation |
Datasheet Page |
1 |
Link URL |
|
|