|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OPA730 - 12 Watt Light Ring on Anotherm Linear Heat Spreader - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPA729 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| MAAP-008171 | High Power PHEMT 600 - 4000 MHz 30 dBm Linear Pout 10 watt P1dB | 1 2 3 4 | Tyco Electronics |
| PBTR | FAST RECOVERY MINIBRIDGE 200 NANOSECOND RECOVERY 17 AMPERE THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING | 1 2 | Electronic devices inc. |
| 801 | 3/4 STRINGS Xmas LIGHT CONTROL | 1 2 | Unisonic Technologies |
| NTE30005 | Light Emitting Diode LED 0603 Surface Mount | 1 2 | NTE Electronics |
| QEC112_05 | Plastic Infrared Light Emitting Diode | 1 2 3 4 | Fairchild Semiconductor |
| WP1043SGD | 3.65x6.15mm SINGLE CHIP LED LIGHT BAR | 1 2 3 4 5 More | Kingbright Corporation |
| LX1973A | Automotive Light Sensor | 1 2 3 4 5 More | Microsemi Corporation |
| LP3855-ADJ | 1.5A Fast Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| AIC1735 | 500mA Low Dropout Linear Regulator | 1 2 3 4 5 More | Analog Intergrations Corporation |
Datasheet Page |
1 |
Link URL |
|
|