|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OVSAQBLCR8 - Red-Orange Top-View Surface Mount LED with Domed Lens - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OVSASBLCR8 | Red Top-View Surface Mount LED with Domed Lens | 1 2 3 4 5 | OPTEK Technologies |
| SEC1001 | 3x1.5 Surface Mount LED Flat Lens | 1 | Sanken electric |
| SEC1003 | 3x1.5 Surface Mount LED Inner Lens | 1 | Sanken electric |
| SML-LX1206IC-TR | 3.2MM X 1.6 MM PCB SURFACE MOUNT LED 635NM RED LED WATER CLEAR LENS TAPE AND REEL | 1 | List of Unclassifed Manufacturers |
| SEC2002 | 3x2.5 Bicolor Surface Mount LED Flat Lens | 1 | Sanken electric |
| SEC2004 | 3x2.5 Bicolor Surface Mount LED Inner Lens | 1 | Sanken electric |
| NTE30088 | Light Emitting Diode LED SOT−23 Surface Mount | 1 2 | NTE Electronics |
| AA3020MGC | 3.0x2.0mm SURFACE MOUNT LED LAMP | 1 2 3 4 | Kingbright Corporation |
| AA4040SRC | 4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| AAAF3528PBZSEJVGZW | 3.5X2.8mm SURFACE MOUNT SMD CHIP LED | 1 2 3 4 5 More | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|