|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OVSPGBCR4 - 1-Watt SMD 6mm (120° Viewing Angle) - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OVSPRGBCR4 | Full-color Power SMD 6mm 130° Viewing Angle | 1 2 3 4 5 More | OPTEK Technologies |
| OVSR9GBCR8 | Green Side-Emitting SMD LED 4 x 4 mm 120° Viewing Angle | 1 2 3 4 | OPTEK Technologies |
| OVSPRBCR44 | 1-Watt SMD 6mm With Dome Lens | 1 2 3 4 5 More | OPTEK Technologies |
| OVSRRGBBC9 | Full-Color Right-Angle SMD 120° Viewing Angle | 1 2 3 4 5 More | OPTEK Technologies |
| APA1606PBC | 1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APA3010SGC | 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APEKA4030MGC | 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APBA3210ESGC-F01 | 3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| APHH1005RWF-A | 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APKA2810CGCK-F01 | 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|