|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS42416_05 - 110 dB, 192 kHz 6-Ch Codec with PLL - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD1938 | 4 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC | 1 2 3 4 5 More | Analog Devices |
| AD1974 | 4 ADC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1928 | 2 ADC/8 DAC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| ADAU1328 | 2 ADC/8 DAC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1935 | 4 ADC/8 DAC with PLL 192 kHz 24 Bit CODEC | 1 2 3 4 5 More | Analog Devices |
| CS4350 | 192 kHz Stereo DAC with Integrated PLL | 1 2 3 4 5 More | Cirrus Logic |
| CS4392_04 | 24-Bit 192 kHz Stereo DAC with Volume Controlã | 1 2 3 4 5 More | Cirrus Logic |
| CS4352 | 192 kHz Stereo DAC with 2 Vrms Line Out | 1 2 3 4 5 More | Cirrus Logic |
| CS42888 | 108 dB 192 kHz 4-In 8-Out CODEC | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 |
Link URL |
|
|