|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF0480CF01977S - 480.0 MHz Filter for Satellite / DVB Applications - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0044BA01931S | 44.0 MHz Filter for Broadband Access Applications | 1 2 | Integrated Circuit Systems |
| SF0190CD01937S | 190 MHz Filter for W-CDMA Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01954T | 44.1 MHz Filter for CATV Applications | 1 2 | Integrated Circuit Systems |
| SF0326CD21924S | 326.4 MHz Filter for UMTS Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01979T | 44.0 MHz Filter with GD Pre-Distortion for VSB System M - IF Applications | 1 2 | Integrated Circuit Systems |
| K3565M | IF Filter for Quasi/Split Sound Applications 38 90 MHz | 1 2 3 4 5 More | EPCOS |
| SF0036BA00628T | 36.2 MHz Filter for VSB system L- IF Applications | 1 2 | Integrated Circuit Systems |
| SF0070CD21803T | 69.99 MHz Filter for CDMA Applications | 1 2 | Integrated Circuit Systems |
| SF0036BA00642T | 35.6 MHz Filter for VSB system L- IF Applications | 1 2 | Integrated Circuit Systems |
| SF0036BA00628T | 36.2 MHz Filter for VSB system L- IF Applications | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|