|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF0199CD02382S - 199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0199CD02382S | 199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF | 1 2 3 4 | Integrated Circuit Solution Inc |
| SF0070BA03042S | 70 MHz Filter 35 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03065S | 70 MHz Filter 26 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070CF51556T | 70 MHz SAW Bandpass Filter 7 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| SF0140BA01990S | 140 MHz Filter 24 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0140CF51904T | 140.0 MHz Filter 1.5 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0160BA02299S | 160 MHz Filter 9.5 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| B4141 | SAW Components Low-Loss Filter for Mobile Communication 942 50 MHz | 1 2 3 4 5 More | EPCOS |
| B4218 | SAW Components Low-Loss Filter for Mobile Communication 1865 0 & 1895 0 MHz | 1 2 3 4 5 More | EPCOS |
| B4911 | SAW Components Low-Loss Filter for Mobile Communication 155 52 MHz | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|