|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF0190CD01937S - 190 MHz Filter for W-CDMA Applications - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0036BA11932S | 36.15 MHz Filter for Broadband Access Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01382T | 43.7 MHz Filter for VSB system M - IF Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01470T | 43.8 MHz Filter for VSB system M - IF Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01800T | 44.0 MHz Filter for VSB system M - IF Applications | 1 2 | Integrated Circuit Systems |
| L9653M | IF Filter for Audio Applications 33 90 MHz and 38 90 MHz | 1 2 3 4 5 More | EPCOS |
| SF0044BA01860T | 43.9 MHz Filter for VSB system M - IF Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01930S | 44.0 MHz Filter for Broadband Access Applications | 1 2 | Integrated Circuit Systems |
| B7305 | SAW Components IF Filter for Mobile Communication 190 MHz | 1 2 3 4 5 More | EPCOS |
| SF0044BA01931S | 44.0 MHz Filter for Broadband Access Applications | 1 2 | Integrated Circuit Systems |
| SF0044BA01954T | 44.1 MHz Filter for CATV Applications | 1 2 | Integrated Circuit Systems |
Datasheet Page |
1 2 |
Link URL |
|
|