|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF0115BA03088S - 115 MHz Filter 6 MHz Bandwidth - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0070BA03031S | 70 MHz Low Loss Filter 9 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03063S | 70 MHz Filter 22 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070CF51553T | 70 MHz Filter 5.5 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03039S | 70 MHz Filter 20 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03064S | 70 MHz Filter 24 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070CF51554T | 70 MHz Filter 6.0 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03042S | 70 MHz Filter 35 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070BA03065S | 70 MHz Filter 26 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0070CF51556T | 70 MHz SAW Bandpass Filter 7 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| SF0140CF51904T | 140.0 MHz Filter 1.5 MHz Bandwidth | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|