|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF0036BA01000T - 36.0 MHz Filter for VSB system L- IF Applications - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0036BA00628T | 36.2 MHz Filter for VSB system L- IF Applications | 1 2 | Integrated Circuit Systems |
| SF0036BA00642T | 35.6 MHz Filter for VSB system L- IF Applications | 1 2 | Integrated Circuit Systems |
| SF0036BA00628T | 36.2 MHz Filter for VSB system L- IF Applications | 1 2 | List of Unclassifed Manufacturers |
| SF0035BA01847T | 35.3 MHz Filter for VSB system D/K - IF ApplicationsFilter | 1 2 | Integrated Circuit Systems |
| K3565M | IF Filter for Quasi/Split Sound Applications 38 90 MHz | 1 2 3 4 5 More | EPCOS |
| L9653M | IF Filter for Audio Applications 33 90 MHz and 38 90 MHz | 1 2 3 4 5 More | EPCOS |
| X6753M | SAW bandpass filter Bandpass filters for terrestrial TV applications | 1 2 3 4 5 More | EPCOS |
| K2965M | IF Filter for Intercarrier Applications | 1 2 3 4 5 More | EPCOS |
| B4068 | SAW Components Low-Loss Filter for Mobile Communication 904 5 / 925 5 MHz | 1 2 3 4 5 More | EPCOS |
| B4152 | SAW Components Low-Loss Filter for Mobile Communication 1842 5 MHz | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 2 |
Link URL |
|
|