|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS5342 - 105 dB, 192 kHz, Multi-bit Audio A/D Converter - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS5341_06 | 105 dB 192 kHz Multi-Bit Audio A/D Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS5343 | 98 dB 96 kHz Multi-Bit Audio A/D Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS5340_06 | 101 dB 192kHz MULTI-BIT AUDIO A/D CONVERTER | 1 2 3 4 5 More | Cirrus Logic |
| CS5330A_06 | 8-Pin Stereo A/D Converter for Digital Audio | 1 2 3 4 5 More | Cirrus Logic |
| CS4360_04 | 24-Bit 192 kHz 6 Channel D/A Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS4362_04 | 114 dB 192 kHz 6-channel D/A Converter | 1 2 3 4 5 More | Cirrus Logic |
| CRD5381 | Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CS4365_07 | 114 dB 192 kHz 6-Channel D/A Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS4382A_05 | 114 dB 192 kHz 8-Channel D/A Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS4385_07 | 114 dB 192 kHz 8-Channel D/A Converter | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|