|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PM8379 - 20-Port 4.25 Gbit/s FC-AL Cut-Through Switch - PMC-Sierra, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BCM56800 | 20-PORT 10-GIGABIT ETHERNET MULTILAYER SWITCH | 1 2 | Broadcom Corporation. |
| ADG888 | 0.4 OHM CMOS Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages | 1 2 3 4 5 More | Analog Devices |
| NLAS3699B | Dual DPDT Ultra−Low RON Switch | 1 2 3 4 5 More | ON Semiconductor |
| AS127-59 | GaAs IC Transfer Switch DC-2 GHz | 1 2 | Skyworks Solutions Inc. |
| STMAV335 | Low ON Resistance Triple SP3T Wide-Bandwidth Video Switch | 1 2 3 4 5 More | STMicroelectronics |
| FST16861 | 20-Bit Bus Switch | 1 2 3 4 | Fairchild Semiconductor |
| DG201HS | High-Speed Quad SPST CMOS Analog Switch | 1 2 3 4 5 More | Vishay Siliconix |
| MASWSS0029 | GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
| TPS61070 | 90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH | 1 2 3 4 5 More | Texas Instruments |
| A1101 | Continuous-Time Switch Family | 1 2 3 4 5 More | Allegro MicroSystems |
Datasheet Page |
1 2 |
Link URL |
|
|