|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TZA3030 - SDH/SONET STM1/OC3 optical receiver - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GP1FA313RZ | Square type Optical Fiber Transmitter/Receiver Unit for 3V Operation and Double Speed | 1 | Sharp Electrionic Components |
| TZA3000 | SDH/SONET STM4/OC12 optical receiver | 1 2 3 4 5 More | NXP Semiconductors |
| CXB1561Q-Y | s3R-IC for Optical Fiber Cimmunication Receiver | 1 2 3 4 5 More | Sony Corporation |
| OS8740230 | Si Optical Receiver 40 - 870MHz 225mA max. @ 24VDC | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| HA16852MP | Optical Communication Receiver/Amplifier | 1 2 3 4 5 | Hitachi Semiconductor |
| CXB1562AQ | 2R IC for Optical Fiber Communication Receiver | 1 2 3 4 5 More | Sony Corporation |
| HA16853MP | Optical Communication Receiver/Amplifier | 1 2 3 4 5 | Hitachi Semiconductor |
| TOAD347-RXB | Optical Communication Devices 2.5Gb/s Optical Receiver | 1 2 3 4 | Toshiba Semiconductor |
| BGE67BO | Optical receiver module | 1 2 3 4 5 More | NXP Semiconductors |
| CXB1563Q | 2R IC for Optical Fiber Communication Receiver | 1 2 3 4 5 More | Sony Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|