|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TSA5520 - 1.3 GHz universal bus-controlled TV synthesizer - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SA9024 | 900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5060A | 1.3 GHz I2C-bus controlled low phase noise frequency synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5511 | 1.3 GHz Bidirectional I2C-bus controlled synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5512 | 1.3 GHz Bidirectional I2C-bus controlled synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5514 | 1.3 GHz bidirectional I2C-bus controlled synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5515T | 1.3 GHz bi-directional I2C-bus controlled synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| TSA5518M | 1.3 GHz bidirectional I2C-bus controlled synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| LMX2324 | PLLatinum⢠2.0 GHz Frequency Synthesizer for RF Personal Communications | 1 2 3 4 5 More | National Semiconductor |
| MC145193 | 1.1 GHZ PLL FREQUENCY SYNTHESIZER | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 |
Link URL |
|
|