Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTCR6M00G15 Datasheet (PDF) - Future Technology Devices International Ltd.

CSTCR6M00G15 Datasheet PDF - Future Technology Devices International Ltd.
Part # CSTCR6M00G15
Download  CSTCR6M00G15 Download

File Size   557.79 Kbytes
Page   26 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART ( USB - Serial) I.C.

CSTCR6M00G15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTCR6M00G15 Datasheet PDF - Future Technology Devices International Ltd.

Part # CSTCR6M00G15
Download  CSTCR6M00G15 Click to download

File Size   557.79 Kbytes
Page   26 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART ( USB - Serial) I.C.

CSTCR6M00G15 Datasheet (HTML) - Future Technology Devices International Ltd.

Back Button CSTCR6M00G15 Datasheet HTML 1Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 2Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 3Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 4Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 5Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 6Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 7Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 8Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 9Page - Future Technology Devices International Ltd. CSTCR6M00G15 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button 

CSTCR6M00G15 Product details

The FT232BQ is the 5 x5 mm lead free QFN32 package version of the 2nd generation of FTDI’s popular USB UART I.C. This device not only adds extra functionality to its FT8U232AM predecessor and reduces external component count, but also maintains a high degree of pin compatibility with the original, making it easy to upgrade or cost reduce existing designs as well as increasing the potential for using the device in new application areas.



HARDWARE FEATURES

• Single Chip USB Asynchronous Serial Data Transfer

• Full Handshaking & Modem Interface Signals

• UART I/F Supports 7 / 8 Bit Data, 1 / 2 Stop Bits and Odd/Even/Mark/Space/No Parity

• Data rate 300 => 3M Baud (TTL)

• Data rate 300 => 1M Baud (RS232)

• Data rate 300 => 3M Baud (RS422/RS485)

• 384 Byte Receive Buffer / 128 Byte Transmit Buffer for high data throughput

• Adjustable RX buffer timeout

• Fully Assisted Hardware or X-On / X-Off Handshaking

• In-built support for event characters and line break condition

• Auto Transmit Buffer control for RS485

• Support for USB Suspend / Resume through SLEEP# and RI# pins

• Support for high power USB Bus powered devices through PWREN# pin

• Integrated level converter on UART and control signals for interfacing to 5V and 3.3V logic

• Integrated 3.3V regulator for USB IO

• Integrated Power-On-Reset circuit

• Integrated 6MHz – 48Mhz clock multiplier PLL

• USB Bulk or Isochronous data transfer modes

• 4.35V to 5.25V single supply operation

• UHCI / OHCI / EHCI host controller compatible

• USB 1.1 and USB 2.0 compatible

• USB VID, PID, Serial Number and Product Description strings in external EEPROM

• EEPROM programmable on-board via USB

• Compact 5 x 5 mm Lead free RoHS compliant QFN32 package.




Similar Part No. - CSTCR6M00G15

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
CSTCR6M00G15 FTDI-CSTCR6M00G15 Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
logo
Murata Manufacturing Co...
CSTCR6M00G15C99-R0 MURATA1-CSTCR6M00G15C99-R0 Datasheet
405Kb / 2P
   Crystal Units/MEMS Resonators
02/26/2024
logo
Murata Manufacturing Co...
CSTCR6M00G15L99-R0 MURATA-CSTCR6M00G15L99-R0 Datasheet
194Kb / 3P
   no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCR6M00G15L99-R0 MURATA1-CSTCR6M00G15L99-R0 Datasheet
400Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
CSTCR6M00G15L99-R0 MURATA1-CSTCR6M00G15L99-R0_V01 Datasheet
400Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
More results


Similar Description - CSTCR6M00G15

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com